Part Number Hot Search : 
ACS573MS TD62107 AT89LS51 MK3720 LC22004A GBU60051 MAX1795 890C515
Product Description
Full Text Search
 

To Download ATF-36077 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2-18 GHz Ultra Low Noise Pseudomorphic HEMT Technical Data
ATF-36077
Features
* PHEMT Technology * Ultra-Low Noise Figure: 0.5 dB Typical at 12 GHz 0.3 dB Typical at 4 GHz * High Associated Gain: 12 dB Typical at 12 GHz 17 dB Typical at 4 GHz * Low Parasitic Ceramic Microstrip Package * Tape-and-Reel Packing Option Available
Description
Hewlett-Packard's ATF-36077 is an ultra-low-noise Pseudomorphic High Electron Mobility Transistor (PHEMT), packaged in a low parasitic, surface-mountable ceramic package. Properly matched, this transistor will provide typical 12 GHz noise figures of 0.5 dB, or typical 4 GHz noise figures of 0.3 dB. Additionally, the ATF-36077 has very low noise resistance, reducing the sensitivity of noise performance to variations in input impedance match, making the design of broadband low noise amplifiers much easier. The premium sensitivity of the ATF-36077 makes this device the ideal choice for use in the first stage of extremely low noise cascades.
ASSOCIATED GAIN (dB)
77 Package
Pin Configuration
4 SOURCE
Applications
* 12 GHz DBS LNB (Low Noise Block) * 4 GHz TVRO LNB (Low Noise Block) * Ultra-Sensitive Low Noise Amplifiers
Note: 1. See Noise Parameter Table.
1 GATE
360
3 DRAIN
2
SOURCE
25
20 Ga
1.2
NOISE FIGURE (dB)
15
0.8 NF[1]
10
The repeatable performance and consistency make it appropriate for use in Ku-band Direct Broadcast Satellite (DBS) Television systems, C-band Television Receive Only (TVRO) LNAs, or other low noise amplifiers operating in the 2-18 GHz frequency range. This GaAs PHEMT device has a nominal 0.2 micron gate length with a total gate periphery (width) of 200 microns. Proven gold based metalization systems and nitride passivation assure rugged, reliable devices. 5965-8726E
0.4
0
0
4
8
12
16
20
FREQUENCY (GHz)
Figure 1. ATF-36077 Optimum Noise Figure and Associated Gain vs. Frequency for VDS = 1.5 V, ID = 10 mA.
5-75
ATF-36077 Absolute Maximum Ratings
Symbol VDS VGS VGD ID PT Pin max Tch TSTG Parameter Drain - Source Voltage Gate - Source Voltage Gate-Drain Voltage Drain Current Total Power Dissipation[3] RF Input Power Channel Temperature Storage Temperature Units V V V mA mW dBm C C Absolute Maximum[1] + 3 -3 -3.5 Idss 180 +10 150 -65 to 150 Thermal Resistance[2,3]: ch-c = 60C/W
Notes: 1. Operation of this device above any one of these parameters may cause permanent damage. 2. Measured at Pdiss = 15 mW and Tch = 100C. 3. Derate at 16.7 mW/C for TC > 139C.
ATF-36077 Electrical Specifications,
Symbol NF GA gm Idss Vp 10 %
TC = 25C, ZO = 50 , Vds = 1.5 V, Ids = 10 mA, (unless otherwise noted). Parameters and Test Conditions Noise Figure[1] Gain at NF[1] Transconductance Saturated Drain Current Pinch-off Voltage f = 12.0 GHz f = 12.0 GHz VDS = 1.5 V, VGS = 0 V VDS = 1.5 V, VGS = 0 V VDS = 1.5 V, IDS = 10% of Idss Units dB dB mS mA V 11.0 50 15 -1.0 Min. Typ. 0.5 12.0 55 25 -0.35 45 -0.15 Max. 0.6
Note: 1. Measured in a fixed tuned environment with source = 0.54 at 156; load = 0.48 at 167.
ATF-36077 Characterization Information,
Symbol NF GA S12 off P1dB VGS 10 mA
TC = 25C, ZO = 50 , Vds = 1.5 V, Ids = 10 mA, (unless otherwise noted). Parameters and Test Conditions Noise Figure (Tuned Circuit) Gain at Noise Figure (Tuned Circuit) Reverse Isolation Output Power at 1 dB Gain Compression Gate to Source Voltage for IDS = 10 mA f = 4 GHz f = 12 GHz f = 4 GHz f = 12 GHz f = 12 GHz, VDS = 1.5 V, VGS = -2 V f = 4 GHz f = 12 GHz VDS = 1.5 V Units dB dB dB dB dB dBm dBm V Typ. 0.3[2] 0.5 17 12 14 5 5 -0.2
Note: 2. See noise parameter table.
5-76
ATF-36077 Typical Scattering Parameters,
Common Source, ZO = 50 , VDS = 1.5 V, ID = 10 mA Freq. GHz 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 S11 Mag. 0.99 0.97 0.94 0.90 0.86 0.82 0.78 0.75 0.72 0.69 0.66 0.63 0.61 0.60 0.58 0.57 0.56 0.57 Ang. -17 -33 -49 -65 -79 -93 -107 -120 -133 -146 -159 -172 175 161 147 131 114 97 dB 14.00 13.81 13.53 13.17 12.78 12.39 12.00 11.64 11.32 11.04 10.81 10.63 10.50 10.41 10.36 10.34 10.34 10.35 S21 Mag. 5.010 4.904 4.745 4.556 4.357 4.162 3.981 3.820 3.682 3.566 3.473 3.401 3.349 3.315 3.296 3.289 3.289 3.291 S12 Mag. 0.016 0.030 0.043 0.054 0.063 0.069 0.074 0.078 0.080 0.082 0.083 0.085 0.086 0.087 0.089 0.091 0.092 0.094 S22 Ang. 78 66 54 43 33 24 16 8 1 -6 -13 -19 -25 -32 -39 -47 -55 -65 Mag. 0.60 0.59 0.57 0.55 0.53 0.50 0.48 0.46 0.44 0.42 0.40 0.38 0.37 0.35 0.33 0.31 0.29 0.26 Ang. -14 -28 -41 -54 -66 -78 -89 -99 -109 -119 -129 -139 -149 -160 -171 177 164 148
Ang. 163 147 132 116 102 88 75 62 49 37 25 13 1 -12 -24 -37 -50 -64
dB -36.08 -30.33 -27.25 -25.32 -24.04 -23.17 -22.58 -22.17 -21.90 -21.71 -21.57 -21.44 -21.32 -21.19 -21.04 -20.87 -20.69 -20.53
ATF-36077 Typical "Off" Scattering Parameters,
Common Source, ZO = 50 , VDS = 1.5 V, ID = 0 mA, VGS = -2 V Freq. GHz 11.0 12.0 13.0 S11 Mag. 0.96 0.95 0.94 Ang. -139 -152 -166 dB -14.2 -14.0 -13.8 S21 Mag. 0.19 0.20 0.20 Ang. -43 -56 -69 S21 Mag. 0.19 0.20 0.20 S22 Ang. -43 -56 -68 Mag. 0.97 0.97 0.96 Ang. -125 -137 -149
dB -14.2 -14.0 -13.8
5-77
ATF-36077 Typical Noise Parameters,
Freq. GHz 1 2 4 6 8 10 12 14 16 18 Fmin[1] dB 0.30 0.30 0.30 0.30 0.37 0.44 0.50 0.56 0.61 0.65 opt Mag. 0.95 0.90 0.81 0.73 0.66 0.60 0.54 0.48 0.43 0.39
Common Source, ZO = 50 , VDS = 1.5 V, ID = 10 mA Ang. 12 25 51 76 102 129 156 -174 -139 -100 Rn /Zo 0.40 0.20 0.17 0.13 0.09 0.05 0.03 0.02 0.05 0.09
GAIN (dB)
25
20 MSG MAG 15 S21 10
5
0
0
4
8
12
16
20
FREQUENCY (GHz)
Figure 2. Maximum Available Gain, Maximum Stable Gain and Insertion Power Gain vs. Frequency. VDS = 1.5 V, ID = 10 mA.
Note: 1. The Fmin values at 2,4, and 6 GHz have been adjusted to reflect expected circuit losses that will be encountered when matching to the optimum reflection coefficient (opt) at these frequencies. The theoretical Fmin values for these frequencies are: 0.10 dB at 2 GHz, 0.20 dB at 4 GHz, and 0.29 dB at 6 GHz. Noise parameters are derived from associated s parameters, packaged device measurements at 12 GHz, and die level measurements from 6 to 18 GHz.
77 Package Dimensions
1.02 (0.040) SOURCE 4 .51 (0.020) 1 GATE
Part Number Ordering Information
Part Number ATF-36077-TRl[2] ATF-36077-STR No. of Devices 1000 10 Container 7" Reel strip
3 DRAIN
Note: 2. For more information, see "Tape and Reel Packaging for Semiconductor Devices," in "Communications Components" Designer`s Catalog.
SOURCE
2 1.78 (0.070)
360
5.28 (0.208)
1.22 (0.048)
1.75 (0.069)
.53 (0.021)
.10 (0.004)
TYPICAL DIMENSIONS ARE IN MILLIMETERS (INCHES).
5-78


▲Up To Search▲   

 
Price & Availability of ATF-36077

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X